PART |
Description |
Maker |
SMCJ300A |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
|
StarHope
|
PMF7.0A PMF7.0CA PMF7.5A PMF70A PMF7.5CA PMF70CA P |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
|
StarHope
|
3KP170 3KP8.0 3KP5.0 3KP120 3KP6.0 |
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
|
GOOD-ARK Electronics
|
20KPA256A 20KPA256CA 20KPA44CA 20KPA192A 20KPA192C |
CLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPRESSOR STAND-OFF VOLTAGE-20 TO 300 Volts
|
StarHope
|
10KPA100A 10KPA100CA 10KPA110A 10KPA110CA 10KPA120 |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
|
StarHope
|
XC6216B20A202ML XC6216B20A202MR XC6216D20C201EL XC |
Voltage Regulators with Stand-by Function - Input Voltage: 28V
|
Torex Semiconductor
|
XE6216B20A201ER XE6216B20A201MR XE6216B20A201PL XE |
Voltage Regulators with Stand-by Function - Input Voltage: 28V
|
TOREX SEMICONDUCTOR LTD.
|
1.5KE200C |
1500 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 162.00 V. Test current IT = 1 mA.
|
Bytes
|
P4KE250A P4KE24 P4KE47 P4KE220A P4KE47A P4KE170C P |
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400瓦峰值功率瞬态电压抑制器 12-Bit, 165MSPS SpeedPlus(TM) DAC Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 171.00 V. Test current IT = 1 mA.
|
Microsemi Bytes
|
MAX40-110CA MAX40-150CA MAX40-100CA MAX40-90CA MAX |
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
|
MDE Semiconductor, Inc.
|
OV5116P |
B/W | PAL | 352 x 288 | ANALOG | CameraChip /黑白| PAL制式| 352 × 288 |模拟|的CameraChip
|
EPCOS AG
|
1SMB30 1SMB30A 1SMB36 1SMB36A 1SMB15 1SMB5.0 1SMB5 |
Plastic surfase mount zener overvoltage transient suppressor. Reverse stand-off voltage 160V. 600W peak power, 3.0W steady state. ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS Plastic surfase mount zener overvoltage transient suppressor. Reverse stand-off voltage 120V. 600W peak power, 3.0W steady state. Plastic surfase mount zener overvoltage transient suppressor. Reverse stand-off voltage 110V. 600W peak power, 3.0W steady state. Plastic surfase mount zener overvoltage transient suppressor. Reverse stand-off voltage 100V. 600W peak power, 3.0W steady state.
|
http:// MOTOROLA[Motorola, Inc]
|